Part Number Hot Search : 
18N3600 RSN2WS G941T25T F6080 FSA2566 TVR1447 SPP3407D BUL654
Product Description
Full Text Search
 

To Download SBP13007A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SemiWell Semiconductor
SBP13007A
High Voltage Fast-Switching NPN Power Transistor
Features
- Very High Switching Speed (Typical 60ns@5.0A) - Minimum Lot-to-Lot hFE Variation - Low VCE(sat) (Typical 390mV@5.0A/1.0A) - Wide Reverse Bias S.O.A
Symbol
2.Collector
1.Base
3.Emitter
General Description
This device is designed for high voltage, high speed switching characteristic required such as lighting system, switching mode power supply.
TO-220
1
2
3
Absolute Maximum Ratings
Symbol
VCES VCEO VEBO IC ICM IB IBM PC TSTG TJ
Parameter
Collector-Emitter Voltage ( VBE = 0 ) Collector-Emitter Voltage ( IB = 0 ) Emitter-Base Voltage ( IC = 0 ) Collector Current Collector Peak Current ( tP 5 ms ) Base Current Base Peak Current ( tP 5 ms ) Total Dissipation at TC = 25 C Storage Temperature Max. Operating Junction Temperature
Value
700 400 9.0 8.0 16 4.0 8.0 80 - 65 ~ 150 150
Units
V V V A A A A W C C
Thermal Characteristics
Symbol
RJC RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient
Value
1.56 62.5
Units
C/W C/W
Mar, 2003. Rev. 3
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved
1/6
SBP13007A
Electrical Characteristics
Symbol
ICEV VCEO(sus) ( TC = 25 C unless otherwise noted )
Parameter
Collector Cut-off Current ( VBE = - 1.5V ) Collector-Emitter Sustaining Voltage ( IB = 0 )
Condition
VCE = 700V VCE = 700V IC = 10 mA IC = 2.0A IC = 5.0A IC = 8.0A IC = 5.0A IB = 0.4A IB = 1.0A IB = 2.0A IB = 1.0A TC = 100 C IB = 0.4A IB = 1.0A IB = 1.0A TC = 100 C VCE = 5V VCE = 5V VCC = 125V IB2 = - 1.0A TC = 100 C
Min
-
Typ
-
Max
1.0 5.0
-
Units
mA
400
-
V
VCE(sat)
Collector-Emitter Saturation Voltage
-
-
0.5 1.0 2.5 2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 2.0A IC = 5.0A IC = 5.0A
-
-
1.2 1.6 1.5
V
hFE
DC Current Gain Resistive Load Storage Time Fall Time Inductive Load Storage Time Fall Time Inductive Load Storage Time Fall Time
IC = 2.0A IC = 5.0A IC = 5.0A IB1 = 1.0A TP = 25 VCC = 15V IB1 = 1.0A LC = 0.35mH VCC = 15V IB1= 1.0A LC = 0.35mH
10 5
-
40 40
ts tf
-
1.5 0.17
3.0 0.4
ts tf
IC = 5.0A IB2 = -2.5A Vclamp = 300V IC = 5.0A IB2 = -2.5A Vclamp = 300V TC = 100 C
-
0.8 0.06
2.0 0.12
ts tf
-
1.0 0.07
3.0 0.15
Notes : Pulse Test : Pulse width 300, Duty cycle 2%
2/6
SBP13007A
Fig 1. Static Characteristics
12 IB = 1400mA IB = 1200mA IB = 1000mA IB = 900mA IB = 800mA IB = 600mA 6 IB = 400mA
45 40 35
Fig 2. DC Current Gain
10
IC, Collector Current [A]
hFE, DC Current Gain
8
30 25 20 15 10 5
TJ = 125 C
o
4
IB = 200mA
TJ = 25 C
Notes : VCE = 5V VCE = 1V
0.1 1 10
o
2 IB = 0mA 0 1 2 3 4 5 6 7 8 9 10
0
0 0.01
VCE, Collector-Emitter Voltage [V]
IC, Collector Current [A]
Fig 3. Collector-Emitter Saturation Voltage
10 1.2 1.1
Fig 4. Base-Emitter Saturation Voltage
VCE, Collector-Emitter Voltage [V]
VBE, Base-Emitter Voltage [V]
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.1
1
TJ = 25 C
o
TJ = 125 C
0.1
o
TJ = 125 C
Note : hFE = 5
o
TJ = 25 C
Note : hFE = 5
0.01 0.1 1 10
o
1
10
IC, Collector Current [A]
IC, Collector Current [A]
Fig 5. Resistive Load Fall Time
1000 10
Fig 6. Resistive Load Storage Time
Notes : VCC = 125V hFE = 5 IB1 = - IB2
TJ = 25 C
o
t, Time [ns]
t, Time [us]
100
TJ = 25 C
o
Notes : VCC = 125V hFE = 5 IB1 = - IB2
10 0 1 2 3 4 5 6 7 8 9
1
0
1
2
3
4
5
6
7
8
9
IC, Collector Current [A]
IC, Collector Current [A]
3/6
SBP13007A
Fig 7. Safe Operation Areas
10
Fig 8. Reverse Biased Safe Operation Areas
Notes : TJ 100 C IB1 = 2 A RBB = 0 LC = 0.2mH
10
1
10 s
8
100 s
IC, Collector Current [A]
IC, Collector Current [A]
10
0
500 s 1ms
6
VBE(off) -5V
4
-3V -1.5V
10
-1
Single Pulse
10
-2
DC
2
10
0
10
1
10
2
10
3
0
100
200
300
400
500
600
700
800
VCE, Collector-Emitter Clamp Voltage [V]
VCE, Collector-Emitter Clamp Voltage [V]
Fig 9. Power Derating Curve
125
Power Derating Factor (%)
100
75
50
25
0
0
50
100
150
o
200
TC, Case Temperature ( C)
4/6
SBP13007A
Inductive Load Switching & RBSOA Test Circuit
LC
IB1
IC IB
VCE
D.U.T
RBB VBE(off) VClamp VCC
Resistive Load Switching Test Circuit
RC
IB1
IC IB
VCE
D.U.T
RBB VBE(off) VCC
5/6
SBP13007A
TO-220 Package Dimension
Dim. A B C D E F G H I J K L M
Min. 10.01 2.59 12.06 13.4 3.56 4.98 3.16 1.17 2.52 0.31 1.17 0.71
mm Typ.
Max. 10.31 2.89 12.46 13.8 3.96 5.18 3.3 1.37 2.82 0.53 1.37 0.91
Min. 0.394 0.102 0.475 0.528 0.14 0.196 0.124 0.046 0.099 0.012 0.046 0.028
Inch Typ.
Max. 0.406 0.114 0.491 0.543 0.156 0.204 0.13 0.054 0.111 0.021 0.054 0.036
2.54
0.1
3.84
0.151
A B
H
I
C L
E 1 D 2 3
J
1. Base 2. Collector 3. Emitter
K M
F G
6/6


▲Up To Search▲   

 
Price & Availability of SBP13007A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X